Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6326 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6326
Description  2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6326 Fiches technique(HTML) 3 Page - STMicroelectronics

  L6326 Datasheet HTML 1Page - STMicroelectronics L6326 Datasheet HTML 2Page - STMicroelectronics L6326 Datasheet HTML 3Page - STMicroelectronics L6326 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
L6326
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.003
0.008
D
7.70
7.80
7.90
0.303
0.307
0.311
E
6.40
0.252
E1
4.30
4.40
4.50
0.170
0.173
0.177
e
0.65
0.025
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k
0˚ min., 8˚ max.
TSSOP24
7100777 (JEDEC MO-153-AD)
Thin Shrink Small Outline Package
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4