| Moteur de recherche de fiches techniques de composants électroniques |
|
FPM4184H-R010CFP Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
FPM4184H-R010CFP Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 6 page ![]() Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns Temperature Coefficient 4000 2000 0 -2000 -4000 -6000 -8000 -10000 -12000 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (°C) NOMINAL Δ R/R LIMIT 1 LIMIT 2 How To Order FPM 325 4 H - 10R0 F A Q Model FPM302 FPM318 FPM325 FPM418 Terminals 2 = 2 4 = 4 Special Code (blank) = Standard H = Advanced Heat Sink Resistance (Ω) 4 digits: “R” represents decimal point (example: R010 = 0.010 Ω 10R0 = 10 Ω, 100R = 100 Ω) 3 digits: “L” presents mΩ for resistance (example: 3L20 = 0.0032 Ω, 6L80 = 0.0068 Ω) Tolerance (%) B = ±0.1 F = ±1 C = ±0.25 G = ±2 D = ±0.5 J = ±5 Terminal Type K = Contact K (50 A max. current) A = Contact A (150 A max. current) F = Contact F (200 A max. current) TCR (PPM/°C) R = ±50 Q = ±25 P = ±15 Power Derating Curve 120 100 80 60 40 20 0 25 50 0.5 % 0.2 % 0.1 % 85 100 115 130 TEMPERATURE OF THE BACKPLATE (°C) Power Rating Notes The FPM Series Resistors must be attached to a suitable heat sink. The maximum internal resistor temperature is 130 °C. To specify an appropriate heat sink use the following formula: RθH = TMAX - (P x RθR) - TA P Where: RθH = Thermal Resistance of Heat Sink (K/W) RθR = Thermal Resistance of Resistor (K/W) TMAX = Maximum Temperature of Resistor TA = Ambient Temperature of Heat Sink (°C) P = Power Through Resistor (W) Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Packaging Specifications FPM3022, FPM3182, FPM3254, FPM4184 Bulk ................................................................ 100 pcs. per box FPM3254H Bulk .................................................................. 50 pcs. per box Typical Part Marking FPM3182 2R00F A MANUFACTURER’S TRADEMARK MODEL NUMBER OF TERMINALS RESISTANCE CODE: “R” REPRESENTS DECIMAL POINT (EXAMPLES: R005 = 0.005 Ω, 10R0 = 10 Ω) RESISTANCE TOLERANCE TERMINAL TYPE |