| Moteur de recherche de fiches techniques de composants électroniques |
|
721 Fiches technique(PDF) 1 Page - Keystone Electronics Corp. |
|
|
|||||||||||||||||||||||||||||
721 Fiches technique(HTML) 1 Page - Keystone Electronics Corp. |
|
|
1 / 1 page ![]() ISO 9002 T I F I ED Q U A L I 31-07 20th Road • Astoria, New York 11105-2017 • (718) 956-8900 • FAX (718) 956-9040 e-mail: kec@keyelco.com • WebSite: keyelco.com GROMMETS, BUMPERS & BUSHINGS RUBBER GROMMETS NYLON INSULATED BUSHINGS 84 RECESSED BUMPERS I.D. For Hole For Panel CAT. NO. A B C D E 730 .125 .187 .062 .312 .187 733 .125 .250 .062 .343 .187 734 .125 .437 .062 .625 .187 735 .125 .375 .093 .500 .312 736 .187 .312 .062 .437 .218 731 .187 .312 .062 .437 .218 737 .187 .281 .093 .437 .218 738 .250 .437 .062 .625 .187 739 .250 .375 .062 .562 .250 740 .250 .375 .093 .500 .250 741 .312 .562 .062 .812 .312 742 .312 .437 .062 .625 .281 743 .312 .437 .093 .625 .312 744 .375 .625 .062 .875 .312 745 .375 .500 .062 .625 .250 732 .437 .562 .062 .750 .250 746 .437 .687 .062 .937 .312 747 .500 .812 .062 1.062 .312 748 .500 1.250 .062 1.500 .250 749 .500 .750 .093 .968 .281 750 .562 .812 .062 1.062 .312 752 .625 .875 .062 1.125 .312 753 .625 1.250 .062 1.500 .250 755 .750 1.062 .062 1.375 .375 756 .750 1.437 .062 1.812 .375 757 .875 1.250 .062 1.625 .437 HOLE MAXIMUM A B C CAT. NO. SIZE CHASSIS INSIDE HEAD OVERALL REQUIRED THICKNESS DIA. DIA. HEIGHT 8470 .250 .062 .125 .312 .312 8471 .312 .062 .187 .375 .312 8472 .375 .125 .250 .468 .406 8473 .437 .125 .312 .531 .406 8474 .500 .125 .375 .578 .406 8475 .562 .125 .437 .656 .406 8476 .625 .125 .500 .718 .406 8477 .750 .125 .562 .843 .406 8478 .875 .125 .625 .953 .453 8479 1.000 .125 .750 1.125 .453 8480 1.187 .125 .937 1.312 .453 8481 1.250 .125 .937 1.359 .453 8482 1.375 .125 1.000 1.468 .453 8483 1.500 .125 1.062 1.609 .453 8484 1.750 .125 1.375 1.875 .453 8485 2.000 .125 1.625 2.125 .453 8486 2.500 .250 1.968 2.656 .718 Screw CAT. NO. FIG. A B C D E Size 720 1 .500 .250 .250 .187 .125 #4 721 1 .625 .312 .250 .187 .125 #4 722 1 .718 .437 .250 .218 .125 #4 723 2 .937 .375 .375 .187 .187 #8 *724 3 .687 .250 .343 .125 .155 #6 *725 3 .875 .312 .406 .125 .187 #8 *726 3 1.062 .437 .468 .234 .200 #10 727 3 .562 .375 .218 .187 .115 #4 728 3 .750 .437 .265 .250 .148 #6 729 3 .937 .625 .359 .297 .174 #8 Ideal for electrical insulation and mechanical damping. Made from BUNA S. Snaps into panel hole to provide protection for wire, cable and tubing from sharp uneven edges. Provides excellent traction and shock absorbing qualities. available with or without Mold-in Washers. MATERIAL: Rubber, BUNA S (figs. 1 & 2), Vinyl (fig. 3) NYLON SPLIT BUSHINGS HOLE A B CAT. NO. SIZE INSIDE HEAD REQUIRED DIA. DIA. 8490 .375 .265 .421 8491 .500 .312 .562 8492 .562 .390 .640 8493 .625 .453 .687 8494 .750 .546 .796 8495 .875 .671 .921 8496 1.000 .796 1.062 MATERIAL: Nylon 6/6, Black “UNIVERSAL” RUBBER GROMMET CAT. NO. 777 MATERIAL: Black Thermoplastic Rubber MATERIAL: Nylon 6/6, Black Designed to be assembled into holes that already contain wire or cable. Versatile bushing can be used on all chassis from .032 to .125 thick. SELF-LOCKING BUMPER FOOT CAT. NO. 717 • A unique easy-to-install self-locking bumper foot • Vibration absorbing and skid resistant • Two piece assembly, furnished pre-assembled • Mounts without screws or tools MATERIAL Foot: Santoprene, Black Pin: Polypropylene, Black Recommended Mounting Hole: .305 dia. *Grey - all others black FIG. 1 FIG. 2 FIG. 3 Designed to adjust to different wire, cable or tubing diameters from .125 to .312 • Self-adjusting membrane forms a dust resistant seal • Installs in .500 diameter hole in .062 thick panels or boards • Molded outer ring retains grommet in place |
Numéro de pièce similaire - 721 |
|
Description similaire - 721 |