| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1063CSW Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC1063CSW Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() LTC1063 14 1063fa PACKAGE DESCRIPTIO N8 Package 8-Lead PDIP (Narrow .300 Inch) (Reference LTC DWG # 05-08-1510) N8 1002 .065 (1.651) TYP .045 – .065 (1.143 – 1.651) .130 ± .005 (3.302 ± 0.127) .020 (0.508) MIN .018 ± .003 (0.457 ± 0.076) .120 (3.048) MIN 12 3 4 87 6 5 .255 ± .015* (6.477 ± 0.381) .400* (10.160) MAX .008 – .015 (0.203 – 0.381) .300 – .325 (7.620 – 8.255) .325 +.035 –.015 +0.889 –0.381 8.255 () NOTE: 1. DIMENSIONS ARE INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm) .100 (2.54) BSC |