| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8223BRZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8223BRZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 20 page ![]() Preliminary Technical Data AD8223 Rev. PrA | Page 3 of 20 SPECIFICATIONS SINGLE SUPPLY TA = 25°C, single supply, VS = +5 V, and RL = 10 kΩ, unless otherwise noted. Table 1 AD8223A AD8223B Parameter Conditions Min Typ Max Min Typ Max Unit COMMON MODE REJECTION RATIO DC to 60 Hz with 1 kΩ Source Imbalance VCM = 0 V to 3 V G = 5 74 86 dB G = 10 80 92 dB G = 100 88 100 dB G = 1000 88 100 dB NOISE Voltage Noise, 1 kHz G = 5 50 50 nV/√Hz G = 1000 30 30 nV/√Hz RTI, 0.1 Hz to 10 Hz G = 5 3.0 3.0 μV p-p G = 1000 1.5 1.5 μV p-p Current Noise, 1 kHz 100 100 fA/√Hz 0.1 Hz to 10 Hz 1.5 1.5 pA p-p VOLTAGE OFFSET Total RTI Error = VOSI + VOSO/G Input Offset, VOSI 400 200 μV Average TC 5 3 μV/°C Output Offset, VOSO 1000 500 μV Average TC 15 10 μV/°C Offset Referred to Input vs. Supply (PSR) G = 5 80 90 dB G = 10 86 96 dB G = 100 90 100 dB G = 1000 90 100 dB INPUT CURRENT Input Bias Current 17 25 17 25 nA Over Temperature 27.5 27.5 nA Average Temperature Coefficient 25 25 pA/°C Input Offset Current 0.25 2 0.25 2 nA Over Temperature 2.5 2.5 nA Average Temperature Coefficient 5 5 pA/°C DYNAMIC RESPONSE Small Signal −3 dB Bandwidth G = 5 200 200 kHz G = 10 190 190 kHz G = 100 75 75 kHz G = 1000 8 8 kHz Slew Rate 0.3 0.3 V/μs |