Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM431ACM Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM431ACM
Description  Adjustable Precision Zener Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM431ACM Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button LM431ACM Datasheet HTML 5Page - National Semiconductor (TI) LM431ACM Datasheet HTML 6Page - National Semiconductor (TI) LM431ACM Datasheet HTML 7Page - National Semiconductor (TI) LM431ACM Datasheet HTML 8Page - National Semiconductor (TI) LM431ACM Datasheet HTML 9Page - National Semiconductor (TI) LM431ACM Datasheet HTML 10Page - National Semiconductor (TI) LM431ACM Datasheet HTML 11Page - National Semiconductor (TI) LM431ACM Datasheet HTML 12Page - National Semiconductor (TI) LM431ACM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Typical Applications (Continued)
Delay Timer
01005522
Current Limiter or Current Source
01005523
Constant Current Sink
01005524
Application Info
1.0 Mounting
To ensure that the geometry of the micro SMD package
maintains good physical contact with the printed circuit
board, pin A1 (NC) must be soldered to the pcb. Please see
AN-1112 for more detailed information regarding board
mounting techniques for the micro SMD package.
2.0 LM431 micro SMD Light Sensitivity
When the LM431 micro SMD package is exposed to bright
sunlight, normal office fluorescent light, and other LED’s and
lasers, it operates within the guaranteed limits specified in
the electrical characteristics table.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13