Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WLF12 Fiches technique(PDF) 7 Page - Banner Engineering Corp.

No de pièce WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BANNER [Banner Engineering Corp.]
Site Internet  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Fiches technique(HTML) 7 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 3Page - Banner Engineering Corp. WLF12 Datasheet HTML 4Page - Banner Engineering Corp. WLF12 Datasheet HTML 5Page - Banner Engineering Corp. WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
© Banner Engineering Corp. All rights reserved.
 
 
7
Chapter Contents
 
Before installation: gather all supporting parts and accessories and remove power from the light.
Mounting Instructions
Chapter 5
Clean the mounting surface. Ensure that the mounting surface and all other mounting installation parts are dry.
1.
Remove the protective liner from the tape on the back of the light strip.
2.
Align the light strip in the desired installation position, and press the light strip firmly onto the mounting surface.
After installing the light strip, wait twenty-four hours for the tape to adhere completely to the mounting surface. Do not
touch or move the light strip during this time period.
3.
Connect the light strip to the power cable.
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17