Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F301C6U6 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F301C6U6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F301C6U6 Datasheet HTML 30Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 31Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 32Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 33Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 34Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 35Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 36Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 37Page - STMicroelectronics STM32F301C6U6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 141 page
background image
Pinouts and pin description
STM32F301x6 STM32F301x8
34/141
DS9895 Rev 8
Figure 7. STM32F301x6/8 LQFP64 pinout
1. The above figure shows the package top view.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBAT
PC14/OSC32_IN
PC15/OSC32_OUT
NRST
PC0
PC1
PC2
PC3
VSSA/VREF-
VDDA
PA0
PA1
PA2
VDD_3
VSS_3
PC8
PC7
PC6
PB12
PF1/OSC_OUT
PF0/OSC_IN
PC13
LQFP64
ai18484V7
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PB15
PB14
PB13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More