| Moteur de recherche de fiches techniques de composants électroniques |
|
FPV420-50-R050DS Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
FPV420-50-R050DS Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Power Derating Curve 120 100 80 60 40 20 0 25 50 85 100 115 155 145 130 TEMPERATURE OF THE BACKPLATE (°C) Power Rating Notes The FPV Series Resistors must be attached to a suitable heat sink. The maximum internal resistor temperature is 155 °C. To specify an appropriate heat sink use the following formula: RθH = TMAX - (P x RθR) - TA P Where: RθH = Thermal Resistance of Heat Sink (K/W) RθR = Thermal Resistance of Resistor (K/W) TMAX = Maximum Temperature of Resistor TA = Ambient Temperature of Heat Sink (°C) P = Power Through Resistor (W) Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Typical Part Marking FPVxxx-xx R050 0.5% MANUFACTURER’S TRADEMARK MODEL SIZE POWER RATING RESISTANCE CODE: “R” REPRESENTS DECIMAL POINT (EXAMPLES: R050 = 0.05 Ω, 10R0 = 10 Ω) RESISTANCE TOLERANCE Packaging Information Bulk ..........................................................................................50 pcs./box FPV Series – Riedon™ Ultra Precision Power Resistors by Bourns |