| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8601 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8601 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() REV. D AD8601/AD8602/AD8604 –7– 40 125 20 65 25 10 535 50 8095 110 TEMPERATURE – C 35 30 0 20 15 5 VOL @ 1mA LOAD VS = 2.7V 10 25 TPC 16. Output Voltage Swing vs. Temperature 40 125 20 65 25 10 535 50 8095 110 TEMPERATURE – C 2.67 2.66 2.62 2.64 VOH @ 1mA LOAD VS = 2.7V 2.63 2.65 TPC 17. Output Voltage Swing vs. Temperature FREQUENCY – Hz 1k 100M 10k 100k 1M 10M 80 60 40 20 0 45 90 135 180 VS = 3V RL = NO LOAD TA = 25 C 100 –20 –40 –60 TPC 18. Open-Loop Gain and Phase vs. Frequency LOAD CURRENT – mA 10k 10 0.1 0.001 100 0.01 0.1 1 10 1 100 SOURCE SINK 1k VS = 5V TA = 25 C TPC 13. Output Voltage to Supply Rail vs. Load Current 40 125 20 65 25 10 535 50 8095 110 TEMPERATURE – C 5.1 5.0 4.5 4.9 4.8 4.7 4.6 VS = 5V VOH @ 1mA LOAD VOH @ 10mA LOAD TPC 14. Output Voltage Swing vs. Temperature 40 125 20 65 25 10 535 50 8095 110 TEMPERATURE – C 250 0 200 150 100 50 VOL @ 10mA LOAD VS = 5V VOL @ 1mA LOAD TPC 15. Output Voltage Swing vs. Temperature |