Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM82 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM82 Datasheet HTML 5Page - National Semiconductor (TI) LM82 Datasheet HTML 6Page - National Semiconductor (TI) LM82 Datasheet HTML 7Page - National Semiconductor (TI) LM82 Datasheet HTML 8Page - National Semiconductor (TI) LM82 Datasheet HTML 9Page - National Semiconductor (TI) LM82 Datasheet HTML 10Page - National Semiconductor (TI) LM82 Datasheet HTML 11Page - National Semiconductor (TI) LM82 Datasheet HTML 12Page - National Semiconductor (TI) LM82 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1.0 Functional Description (Continued)
less than or equal to it’s corresponding HIGH setpoint, as
shown in Figure 4. Figure 5 shows a simplified logic diagram
for the INT output and related circuitry.
The INT output can be disabled by setting the INT mask bit,
D7, of the configuration register. INT can be programmed to
be active high or low by the state of the INT inversion bit, D1,
in the configuration register. A “0” would program INT to be
active low. INT is an open-drain output.
1.3 T_CRIT_A OUTPUT and T_CRIT LIMIT
T_CRIT_A is activated when any temperature reading is
greater than the limit preset in the critical temperature set-
point register (T_CRIT), as shown in Figure 6. The Status
Registers can be read to determine which event caused the
alarm. A bit in the Status Registers is set high to indicate
which temperature reading exceeded the T_CRIT setpoint
temperature and caused the alarm, see Section 2.3.
Local and remote temperature diodes are sampled in se-
quence by the A/D converter. The T_CRIT_A output and the
Status Register flags are updated at the completion of a
conversion. T_CRIT_A and the Status Register flags are
reset only after the Status Register is read and if a tempera-
ture conversion is below the T_CRIT setpoint, as shown in
Figure 6. Figure 7 shows a simplified logic diagram of the
T_CRIT_A and related circuitry.
Located in the Configuration Register are the mask bits for
each temperature reading, seeSection 2.5. When a mask bit
is set, its corresponding status flag will not propagate to the
T_CRIT_A output, but will still be set in the Status Registers.
Configuration register bits D5 and D3, labled “Remote
T_CRIT_A mask” must be set high before the T_CRIT set-
point is lowered in order for the T_CRIT_A output to function
properly. Setting all four mask bits or programming the
T_CRIT setpoint to 127˚C will disable the T_CRIT_A output.
10129714
* Note: Status Register Bits are reset by a read of Status Register where
bit is located.
FIGURE 4. INT Temperature Response Diagram
10129721
FIGURE 5. INT output related circuitry logic diagram
10129706
* Note: Status Register Bits are reset by a read of Status Register where
bit is located.
FIGURE 6. T_CRIT_A Temperature Response Diagram
10129720
FIGURE 7. T_CRIT_A output related circuitry logic
diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17