Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM56 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) LM56 Datasheet HTML 10Page - National Semiconductor (TI) LM56 Datasheet HTML 11Page - National Semiconductor (TI) LM56 Datasheet HTML 12Page - National Semiconductor (TI) LM56 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Hints (Continued)
3.0 MOUNTING CONSIDERATIONS
The majority of the temperature that the LM56 is measuring
is the temperature of its leads. Therefore, when the LM56 is
placed on a printed circuit board, it is not sensing the tem-
perature of the ambient air. It is actually sensing the tem-
perature difference of the air and the lands and printed circuit
board that the leads are attached to. The most accurate
temperature sensing is obtained when the ambient tempera-
ture is equivalent to the LM56’s lead temperature.
As with any IC, the LM56 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and
corrosion. This is especially true if the circuit operates at cold
temperatures where condensation can occur. Printed-circuit
coatings are often used to ensure that moisture cannot
corrode the LM56 or its connections.
01289318
FIGURE 3. Simplified Schematic
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13