| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMV8809ACCZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMV8809ACCZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 55 page ![]() Data Sheet ADMV8809 SPECIFICATIONS analog.com Rev. A | 3 of 55 TA = 25°C, HPF and LPF at same states, unless otherwise noted. Table 1. Specifications Parameter Min Typ Max Unit Test Conditions/Comments FREQUENCY RANGE (fCENTER) Bypass Configuration <0.01 13 GHz Filter Band 1 0.55 GHz HPF and LPF, State 0 1.05 GHz HPF and LPF, State 7 Filter Band 2 1.23 GHz HPF and LPF, State 0 2.25 GHz HPF and LPF, State 7 Filter Band 3 2.4 GHz HPF and LPF, State 0 4.6 GHz HPF and LPF, State 7 Filter Band 4 5 GHz HPF and LPF, State 0 8.2 GHz HPF and LPF, State 7 USABLE PASS-BAND FREQUENCY Filter Band 1 Lower Pass-Band Frequency (fL3dB) 0.43 GHz HPF, State 0 Upper Pass-Band Frequency (fU3dB) 1.27 GHz LPF, State 7 Filter Band 2 fL3dB 0.97 GHz HPF, State 0 fU3dB 2.71 GHz LPF, State 7 Filter Band 3 fL3dB 1.84 GHz HPF, State 0 fU3dB 5.6 GHz LPF, State 7 Filter Band 4 fL3dB 3.74 GHz HPF, State 0 fU3dB 10.08 GHz LPF, State 7 BANDWIDTH (3dB) 40 % HPF and LPF same state (average value for all bands); bandwidth can be varied from 9% to 100% by using different combinations of HPF and LPF states RESOLUTION Filter Band 1 HPF 0.06 GHz LPF 0.09 GHz Filter Band 2 HPF 0.12 GHz LPF 0.17 GHz Filter Band 3 HPF 0.25 GHz LPF 0.37 GHz Filter Band 4 HPF 0.38 GHz LPF 0.57 GHz REJECTION (40dB) Low-Side 0.5 × fU3dB GHz High-Side 2× fL3dB GHz RE-ENTRY FREQUENCY >40 GHz >40dB for Band 1 to Band 3 and >30dB for Band 4 |