| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8066ARMZ Fiches technique(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8066ARMZ Fiches technique(HTML) 8 Page - Analog Devices |
|
8 / 28 page ![]() AD8065/AD8066 Rev. G | Page 8 of 28 TYPICAL PERFORMANCE CHARACTERISTICS Default Conditions: ±5 V, CL = 5 pF, RL = 1 kΩ, VOUT = 2 V p-p, Temperature = 25°C. –6 –3 0 3 6 9 12 15 18 21 24 FREQUENCY (MHz) 1 0.1 10 100 1000 G = +10 VO = 200mV p-p G = +5 G = +2 G = +1 Figure 4. Small Signal Frequency Response for Various Gains –6 –4 –2 0 2 4 6 FREQUENCY (MHz) 1 0.1 10 100 1000 VO = 200mV p-p G = +1 VS = +5V VS = ±12V VS = ±5V Figure 5. Small Signal Frequency Response for Various Supplies (See Figure 42) –5 –4 –3 –2 –1 0 1 2 FREQUENCY (MHz) 1 0.1 10 100 1000 VO = 2V p-p G = +1 VS = ±12V VS = ±5V Figure 6. Large Signal Frequency Response for Various Supplies (See Figure 42) 5.9 6.0 6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 FREQUENCY (MHz) 0.1 10 1 100 RL = 150Ω G = +2 VOUT = 0.2V p-p VOUT = 0.7V p-p VOUT = 1.4V p-p Figure 7. 0.1 dB Flatness Frequency Response (See Figure 43) 3 4 5 6 7 8 9 FREQUENCY (MHz) 1 0.1 10 100 1000 VO = 200mV p-p G = +2 VS = ±12V VS = ±5V VS = +5V Figure 8. Small Signal Frequency Response for Various Supplies (See Figure 43) 0 1 2 3 4 5 6 7 8 FREQUENCY (MHz) 1 0.1 10 100 1000 G = +2 VS = ±12V VS = ±5V VS = +5V Figure 9. Large Signal Frequency Response for Various Supplies (See Figure 43) |