Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEBAYCS Fiches technique(PDF) 6 Page - Littelfuse

No de pièce LEBAYCS
Description  IN-LINE WATERTIGHT FUSE HOLDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LEBAYCS Fiches technique(HTML) 6 Page - Littelfuse

  LEBAYCS Datasheet HTML 1Page - Littelfuse LEBAYCS Datasheet HTML 2Page - Littelfuse LEBAYCS Datasheet HTML 3Page - Littelfuse LEBAYCS Datasheet HTML 4Page - Littelfuse LEBAYCS Datasheet HTML 5Page - Littelfuse LEBAYCS Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Littelfuse.com
@ 2025 Littelfuse, Inc.
Rev: 291025
6 of 6
POWR-GARD® Blocks and Holders
IN-LINE WATERTIGHT FUSE HOLDERS
Two-Pole Breakaway Holder
Recommended Fuses
Class CC Series: CCMR, KLDR, KLKR
Midget Series: BLF, BLN, FLM, FLQ, KLK, KLKD
Four WPB3 insulating boots come standard with the LEXT-YY-S and LEX-YY-C-S fuse holders. Molded from non-conductive
engineering grade thermoplastic to deliver a watertight seal in corrosive environments, they can be trimmed to the specific
conductor size insuring a snug fit.
4 9/16"
( ASSEMBLED LENGTH )
11 1/4"
( ASSEMBLED LENGTH )
5 1/8"
( ASSEMBLED LENGTH )
4 9/16"
( ASSEMBLED LENGTH )
11 1/4"
( ASSEMBLED LENGTH )
5 1/8"
( ASSEMBLED LENGTH )
PERMANENT
NEUTRAL SLUG
4 9/16"
( ASSEMBLED LENGTH )
11 1/4"
( ASSEMBLED LENGTH )
5 1/8"
( ASSEMBLED LENGTH )
4 9/16"
( ASSEMBLED LENGTH )
11 1/4"
( ASSEMBLED LENGTH )
5 1/8"
( ASSEMBLED LENGTH )
PERMANENT
NEUTRAL SLUG
LEXT-YY-S
LEX-YY-C-S
Dimensions Inches
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.



Html Pages

1 2 3 4 5 6