Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25CS160T-H/ST Fiches technique(PDF) 42 Page - Microchip Technology

No de pièce 25CS160T-H/ST
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160T-H/ST Fiches technique(HTML) 42 Page - Microchip Technology

Back Button 25CS160T-H/ST Datasheet HTML 38Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 39Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 40Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 41Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 42Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 43Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 44Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 45Page - Microchip Technology 25CS160T-H/ST Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 42
25CS160
B
A
0.15 C A-B
0.15 C D
0.20
C A-B D
2X
TOP VIEW
SIDE VIEW
END VIEW
0.10 C
Microchip Technology Drawing C04-028-C8X Rev. F Sheet 1 of 2
2X
6X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
6-Lead Plastic Small Outline Transistor (C8X) [SOT-23]
D
E
E1
e
e1
E
2
E1
2
6X b
D
A
A2
A1
Ø
L
(L1)
R
R1
c
0.20 C A-B
2X
C
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53