Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25CS160-H/MS Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce 25CS160-H/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/MS Fiches technique(HTML) 34 Page - Microchip Technology

Back Button 25CS160-H/MS Datasheet HTML 30Page - Microchip Technology 25CS160-H/MS Datasheet HTML 31Page - Microchip Technology 25CS160-H/MS Datasheet HTML 32Page - Microchip Technology 25CS160-H/MS Datasheet HTML 33Page - Microchip Technology 25CS160-H/MS Datasheet HTML 34Page - Microchip Technology 25CS160-H/MS Datasheet HTML 35Page - Microchip Technology 25CS160-H/MS Datasheet HTML 36Page - Microchip Technology 25CS160-H/MS Datasheet HTML 37Page - Microchip Technology 25CS160-H/MS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 34
25CS160
12.0 PACKAGING INFORMATION
12.1
Package Marking Information
Example
8-Lead MSOP
Example
8-Lead SOIC
Example
25CS160
2509
13F
AAER
2509
13F
5CS160
50913F
8-Lead UDFN (2x3x0.5 mm)
Example
AFE
509
13
8-Lead TSSOP
XXXX
YYWW
NNN
6-Lead SOT-23
Example
AAFMY
0913F
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53