| Moteur de recherche de fiches techniques de composants électroniques |
|
HD34-24-23PN-059 Fiches technique(PDF) 51 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-24-23PN-059 Fiches technique(HTML) 51 Page - TE Connectivity Ltd |
|
51 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 51 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Recept., DT, 12 way, enhanced A key, gray, (2) 6 pin busses, nickel contacts DT04-12PA-P026 Included 16 Recept., DT, 12 way, enhanced A key, gray, (4) 3 pin busses, nickel contacts DT04-12PA-P030 Included 16 Recept., DT, 12 way, enhanced A key, gray, (4) 3 pin busses, gold contacts DT04-12PA-P031 Included 16 Recept., DT, 12 way, enhanced A key, gray, (3) 4 pin busses, nickel contacts DT04-12PA-P075 Included 16 Recept., DT, 12 way, B key, black DT04-12PB W12P 16 Recept., DT, 12 way, enhanced B key, black DT04-12PB-B016 W12P 16 Recept., DT, 12 way, enhanced B key, black, end cap DT04-12PB-BE02 W12P 16 Recept., DT, 12 way, enhanced B key, black, welded flange DT04-12PB-BL04 W12P 16 Recept., DT, 12 way, enhanced B key, black, reduced dia. seals, sealed flange, end cap DT04-12PB-BL11 W12P 16 Recept., DT, 12 way, B key, black, reduced dia. seals DT04-12PB-C015 W12P 16 Recept., DT, 12 way, B key, black, reduced dia. seals, end cap DT04-12PB-CE01 W12P 16 Recept., DT, 12 way, enhanced B key, black, reduced dia. seals, end cap DT04-12PB-CE07 W12P 16 Recept., DT, 12 way, enhanced B key, gray, reduced dia. seals DT04-12PB-CE08 W12P 16 Recept., DT, 12 way, B key, black, reduced dia. seals, welded flange DT04-12PB-CL03 W12P 16 Recept., DT, 12 way, B key, black, end cap DT04-12PB-E003 W12P 16 Recept., DT, 12 way, B key, black, welded flange DT04-12PB-L012 W12P 16 Recept., DT, 12 way, B key, black, sealed flange, gasket, end cap DT04-12PB-LE01 W12P 16 Recept., DT, 12 way, enhanced B key, black, reduced dia. seals, sealed flange, end cap, one piece design DT04-12PB-LE21 W12P 16 Recept., DT, 12 way, enhanced B key, black, (1) 12 pin buss, gold contacts DT04-12PB-P016 Included 16 Recept., DT, 12 way, enhanced B key, black, (1) 12 pin buss, nickel contacts DT04-12PB-P021 Included 16 Recept., DT, 12 way, enhanced B key, black, (2) 6 pin busses, nickel contacts DT04-12PB-P026 Included 16 Recept., DT, 12 way, enhanced B key, black, (2) 6 pin busses, gold contacts DT04-12PB-P027 Included 16 Recept., DT, 12 way, enhanced B key, black, (4) 3 pin busses, nickel contacts DT04-12PB-P030 Included 16 Recept., DT, 12 way, enhanced B key, black, (4) 3 pin busses, gold contacts DT04-12PB-P031 Included 16 Recept., DT, 12 way, C key, green DT04-12PC W12P 16 Recept., DT, 12 way, enhanced C key, green DT04-12PC-B016 W12P 16 Recept., DT, 12 way, enhanced C key, green, end cap DT04-12PC-BE02 W12P 16 Recept., DT, 12 way, enhanced C key, green, welded flange DT04-12PC-BL04 W12P 16 Recept., DT, 12 way, enhanced C key, green, welded flange, end cap DT04-12PC-BL05 W12P 16 Recept., DT, 12 way, C key, green, reduced dia. seals DT04-12PC-C015 W12P 16 Recept., DT, 12 way, C key, green, reduced dia. seals, end cap DT04-12PC-CE01 W12P |