Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6242 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6242
Description  VOICE COIL MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6242 Fiches technique(HTML) 3 Page - STMicroelectronics

  L6242 Datasheet HTML 1Page - STMicroelectronics L6242 Datasheet HTML 2Page - STMicroelectronics L6242 Datasheet HTML 3Page - STMicroelectronics L6242 Datasheet HTML 4Page - STMicroelectronics L6242 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTIMIZING LAYOUT
Optimizing a PC board layout involves to observe
the following rules which in general can avoid ap-
plication problems associated with ground loops
and anomalous recirculation currents. The elec-
trolytic capacitor for the power supply must be
kept as close to the IC as possible. It is important
that power grounds are close to each other on a
wide enough. Copper side also, it is important to
separate on the board the logic ground and the
power ground in such a way that the ground
traces for the logic signals and references do not
cross the ground traces for the power signals.
Logic ground and power ground must meet at
one point on the board (startpoint grounding) far
enough away from where the power ground
traces terminate to ground (sense resistors and
recirculation diodes). This is to avoid anomalous
interface with the logic signals. It is generally a
good idea to connect a non inductive capacitor
(typically 100nF) between the pins VS and GND.
In other cases it may be necessary to also place
a by-pass capacitor between the pins Vref and
GND.
Figure 1: Voice Coil Motor Control Circuit
L6242
3/5



Html Pages

1 2 3 4 5