| Moteur de recherche de fiches techniques de composants électroniques |
|
HD36-18-20PN-059 Fiches technique(PDF) 15 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-18-20PN-059 Fiches technique(HTML) 15 Page - TE Connectivity Ltd |
|
15 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 15 SERIES OVERVIEW DTM Series • Accepts contact size 20 (7.5 amps) • 14-22 AWG (2.50-0.35 mm2) • 2, 3, 4, 6, 8, and 12 cavity arrangements • In-line, flange, or PCB mount • Rectangular, thermoplastic housing • Integrated latch for mating • Wedgelocks confirm contact alignment and retention • Product specification document: 108-151010 DTP Series • Accepts contact size 12 (25 amps) • 10-14 AWG (6.00-2.00 mm2) • 2 and 4 cavity arrangements • In-line, flange, or PCB mount • Rectangular, thermoplastic housing • Integrated latch for mating • Wedgelocks confirm contact alignment and retention DTV Series • Accepts contact size 16 (13 amps) • 14-20 AWG (2.50-0.50 mm2) • 18 cavity arrangement • Flange mount • Rectangular, thermoplastic housing • Integrated latch for mating • Wedgelocks confirm contact alignment and retention HD10 Series • Accepts contact sizes 4 (100 amps), 12 (25 amps), and 16 (13 amps) • 6-20 AWG (16.00-0.50 mm2) • 3, 4, 5, 6, and 9 cavity arrangements • In-line, flange, or PCB mount • Circular, thermoplastic housing • Coupling ring for mating |