Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6238S Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L6238S
Description  12V SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238S Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L6238S Datasheet HTML 4Page - STMicroelectronics L6238S Datasheet HTML 5Page - STMicroelectronics L6238S Datasheet HTML 6Page - STMicroelectronics L6238S Datasheet HTML 7Page - STMicroelectronics L6238S Datasheet HTML 8Page - STMicroelectronics L6238S Datasheet HTML 9Page - STMicroelectronics L6238S Datasheet HTML 10Page - STMicroelectronics L6238S Datasheet HTML 11Page - STMicroelectronics L6238S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FUNCTIONAL DESCRIPTION
1.0 INTRODUCTION
1.1 Typical Application
In a typical application, the L6238S will operate in
conjunction with the L6244 Voice Coil Driver as
shown in Fig. 1-1.
This configuration requires a minimum amount of
external components.
1.2 Input Default States
Figure 1-2 depicts the two possible input struc-
tures for the logic inputs. If a particular pin is not
Figure 1-1
L6238S
8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31