Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD34-24-18SE-059 Fiches technique(PDF) 12 Page - TE Connectivity Ltd

No de pièce HD34-24-18SE-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-24-18SE-059 Fiches technique(HTML) 12 Page - TE Connectivity Ltd

Back Button HD34-24-18SE-059 Datasheet HTML 8Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 9Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 10Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 11Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 12Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 13Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 14Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 15Page - TE Connectivity Ltd HD34-24-18SE-059 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 12
AWG CONVERSION TABLE
AWG CODE
DIAMETER (in.)
DIAMETER (mm)
F (mm2)
0000
0.4600
11.684
103.8
000
0.4096
10.40
79.0
00
0.3648
9.27
67.5
0
0.3249
8.25
53.4
1
0.2893
7.34
42.2
2
0.2576
6.55
33.7
3
0.2294
5.82
26.6
4
0.2043
5.18
21.0
5
0.1819
4.62
16.9
6
0.1620
4.115
13.25
7
0.1443
3.66
10.25
8
0.1285
3.26
8.34
9
0.1144
2.90
6.6
10
0.1019
2.59
5.27
11
0.0907
2.30
4.15
12
0.0808
2.05
3.3
13
0.0720
1.83
2.63
14
0.0641
1.63
2.08
15
0.0571
1.45
1.65
16
0.0508
1.29
1.305
17
0.0453
1.14
1.01
18
0.0403
1.02
0.79
19
0.0359
0.91
0.65
20
0.0320
0.81
0.51
21
0.0285
0.72
0.407
22
0.0253
0.64
0.32
23
0.0226
0.57
0.255
24
0.0201
0.51
0.205
25
0.0179
0.455
0.162
26
0.0159
0.40
0.125
27
0.0142
0.36
0.102
28
0.0126
0.32
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More