Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6238 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 25Page - STMicroelectronics L6238 Datasheet HTML 26Page - STMicroelectronics L6238 Datasheet HTML 27Page - STMicroelectronics L6238 Datasheet HTML 28Page - STMicroelectronics L6238 Datasheet HTML 29Page - STMicroelectronics L6238 Datasheet HTML 30Page - STMicroelectronics L6238 Datasheet HTML 31Page - STMicroelectronics L6238 Datasheet HTML 32Page - STMicroelectronics L6238 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
I/O port at the falling edge of the port clock.
Figure 32 shows the proper waveforms that are
applied to the appropriate serial port signal pins
during a read to write transition. The strobe input
in this case is held low. Time Ttsd is the Data I/O
Tri State Delay.
Figure 33 displays the timing diagram during a
write to read operation.
6.5 Control Register
Figure 32: Read to Write Diagram.
Figure 33: Write to Read Diagram.
L6238
29/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35