Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6235 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6235
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6235 Datasheet HTML 16Page - STMicroelectronics L6235 Datasheet HTML 17Page - STMicroelectronics L6235 Datasheet HTML 18Page - STMicroelectronics L6235 Datasheet HTML 19Page - STMicroelectronics L6235 Datasheet HTML 20Page - STMicroelectronics L6235 Datasheet HTML 21Page - STMicroelectronics L6235 Datasheet HTML 22Page - STMicroelectronics L6235 Datasheet HTML 23Page - STMicroelectronics L6235 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
L6235
20/25
Figure 24. PowerDIP24 Junction-Ambient thermal resistance versus on-board copper area.
Figure 25. SO24 Junction-Ambient thermal resistance versus on-board copper area.
Figure 26. Mounting the PowerSO Package.
39
40
41
42
43
44
45
46
47
48
49
1
2
3
4
5
6
7
8
9
101112
C opper Are a is on Bo ttom
Sid e
C opper Are a is on To p S i de
sq . cm
ºC / W
On-Board Copper Area
48
50
52
54
56
58
60
62
64
66
68
123
45
6789
10
11
12
C o pp er A rea is o n T op S ide
sq. cm
ºC / W
On-Board Copper Area
Slug soldered
to PCB with
dissipating area
Slug soldered
to PCB with
dissipating area
plus ground layer
Slug soldered to PCB with
dissipating area plus ground layer
contacted through via holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25