Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6223 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6223 Datasheet HTML 1Page - STMicroelectronics L6223 Datasheet HTML 2Page - STMicroelectronics L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SWITCHING TIMING
t2, t4
Fall/Rise Time (IN1, 2, 3, 4)
R(load) =39
Ω (Fig. 5)
Pure Resistive Load to VS
250
ns
t1, t3
Input-Output Delay
(IN1, 2, 3, 4)
R(load) =39
Ω (Fig. 5)
Pure Resistive Load to VS
700
ns
tdPWM
Close Loop PWM
Control Delay
(Fig. 4) Note 1
1
µs
PROGRAMMING TIMING
t1
Loading Time
(Fig. 6)
1.7
µs
t2
Protection Time
(Fig. 6) Note 2
0.2
µs
t3
Data Set-up
(Fig. 6)
0
ns
t4
Data Hold
(Fig. 6)
1.6
µs
t5
Setting Time
(Fig. 6)
200
ns
Note 1) Upper DMOS turn ON delay when the signal is applied at the input comparator (point A in Fig. 4).
Note 2) Internal clock pulse is generated only if IN1...IN4 stay Low for almost 0.2
µs. This delay avoids undesirable programmings.
Figure 1: Output leakage IOL Test Circuit
Figure 2a: Source Output DMOS RDS(ON) Test
Circuit
L6223
5/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33