Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3914 Fiches technique(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM3914
Description  Dot/Bar Display Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3914 Fiches technique(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3914 Datasheet HTML 14Page - National Semiconductor (TI) LM3914 Datasheet HTML 15Page - National Semiconductor (TI) LM3914 Datasheet HTML 16Page - National Semiconductor (TI) LM3914 Datasheet HTML 17Page - National Semiconductor (TI) LM3914 Datasheet HTML 18Page - National Semiconductor (TI) LM3914 Datasheet HTML 19Page - National Semiconductor (TI) LM3914 Datasheet HTML 20Page - National Semiconductor (TI) LM3914 Datasheet HTML 21Page - National Semiconductor (TI) LM3914 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
Note: Unless otherwise specified.
1. Standard Lead Finish:
200 microinches /5.08 micrometer minimum
lead/tin 37/63 or 15/85 on alloy 42 or equivalent or copper
2. Reference JEDEC registration MS-001, Variation AC, dated May 1993.
Dual-In-Line Package (N)
Order Number LM3914N-1
NS Package Number NA18A
Plastic Chip Carrier Package (V)
Order Number LM3914V
NS Package Number V20A
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22