Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6219 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6219
Description  STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219 Fiches technique(HTML) 6 Page - STMicroelectronics

  L6219 Datasheet HTML 1Page - STMicroelectronics L6219 Datasheet HTML 2Page - STMicroelectronics L6219 Datasheet HTML 3Page - STMicroelectronics L6219 Datasheet HTML 4Page - STMicroelectronics L6219 Datasheet HTML 5Page - STMicroelectronics L6219 Datasheet HTML 6Page - STMicroelectronics L6219 Datasheet HTML 7Page - STMicroelectronics L6219 Datasheet HTML 8Page - STMicroelectronics L6219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
current regulation.
Unused inputs should be connected to proper
voltage levels in order to get the highest noise im-
munity.
As the circuit operates with switch mode current
regulation,
interference
generation
problems
might arise in some applications. A good measure
might then be to decouple the circuit with a 100nF
capacitor, located near the package between
power line and ground.
The ground lead between Rs, and circuit GND
should be kept as short as possible.
A typical Application Circuit is shown in Fig. 3.
Note that Ct must be NPO type or similar else.
To sense the winding current, paralleled metal
film resistors are recommended (Rs)
Note 1 - Other information is available as "Smart
Power Development System":
Test board HWL6219 (Stepper driver)
Software SWL6219 (Floppy disc)
Figure 3: Typical Application Circuit. (Pin out referred to DIP24 package)
L6219
6/9



Html Pages

1 2 3 4 5 6 7 8 9