| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8616ARM-R2 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8616ARM-R2 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 20 page ![]() AD8615/AD8616/AD8618 Rev. C | Page 3 of 20 SPECIFICATIONS VS =5 V, VCM = VS/2, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage AD8616/AD8618/ AD8615 VOS VS = 3.5 V at VCM = 0.5 V and 3.0 V 23 23 60 100 μV μV VCM = 0 V to 5 V 80 500 μV −40°C < TA < +125°C 800 μV Offset Voltage Drift AD8616/AD8618/ AD8615 ∆VOS/∆T −40°C < TA < +125°C 1.5 3 7 10 μV/°C μV/°C Input Bias Current IB 0.2 1 pA −40°C < TA < +85°C 50 pA −40°C < TA < +125°C 550 pA Input Offset Current IOS 0.1 0.5 pA −40°C < TA < +85°C 50 pA −40°C < TA < +125°C 250 pA Input Voltage Range 0 5 V Common-Mode Rejection Ratio CMRR VCM = 0 V to 4.5 V 80 100 dB Large Signal Voltage Gain AVO RL = 2 kΩ, VO = 0.5 V to 5 V 105 1500 V/mV Input Capacitance CDIFF 2.5 pF CCM 6.7 pF OUTPUT CHARACTERISTICS Output Voltage High VOH IL = 1 mA 4.98 4.99 V IL = 10 mA 4.88 4.92 V −40°C < TA < +125°C 4.7 V Output Voltage Low VOL IL = 1 mA 7.5 15 mV IL = 10 mA 70 100 mV −40°C < TA < +125°C 200 mV Output Current IOUT ±150 mA Closed-Loop Output Impedance ZOUT f = 1 MHz, AV = 1 3 Ω POWER SUPPLY Power Supply Rejection Ratio PSRR VS = 2.7 V to 5.5 V 70 90 dB Supply Current per Amplifier ISY VO = 0 V 1.7 2.0 mA −40°C < TA < +125°C 2.5 mA DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 12 V/μs Settling Time ts To 0.01% <0.5 μs Gain Bandwidth Product GBP 24 MHz Phase Margin Øm 63 Degrees NOISE PERFORMANCE Peak-to-Peak Noise en p-p 0.1 Hz to 10 Hz 2.4 μV Voltage Noise Density en f = 1 kHz 10 nV/√Hz f = 10 kHz 7 nV/√Hz Current Noise Density in f = 1 kHz 0.05 pA/√Hz Channel Separation Cs f = 10 kHz –115 dB f = 100 kHz –110 dB |