Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6180 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6180
Description  OCTAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6180 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6180 Datasheet HTML 1Page - STMicroelectronics L6180 Datasheet HTML 2Page - STMicroelectronics L6180 Datasheet HTML 3Page - STMicroelectronics L6180 Datasheet HTML 4Page - STMicroelectronics L6180 Datasheet HTML 5Page - STMicroelectronics L6180 Datasheet HTML 6Page - STMicroelectronics L6180 Datasheet HTML 7Page - STMicroelectronics L6180 Datasheet HTML 8Page - STMicroelectronics L6180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 3: Output Failsafing
Figure 2: EOS Requiremets
The output assumes a logic ”1”under the following conditions, (see figure 3)
1 Both inputs open
2 Both inputs shorted
3 Signal Opencircuit
3a Common grounded, signal open circuit
4 Common open, generator powered-on
5 Generator powered-down (see note 7)
6 Common open, generator powered-down
6a Signal grounded, common open, generator powered-down
7 Less than 250mVpp differential signal
L6180 - L6181
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10