| Moteur de recherche de fiches techniques de composants électroniques |
|
P2RF Fiches technique(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2RF Fiches technique(HTML) 8 Page - Omron Electronics LLC |
|
8 / 27 page ![]() Common Sockets 8 Dimensions P2RF (Unit: mm) Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions 19.5 max. 19.5 30 max. 35.5 4 dia. 2 54 max. 4 71.5 max. 5-M3.5×8 7±0.2 P2RF-05 (One Pole) 3 2 5 1 4 (Top View) 9.5 4 30±0.05 4.2-dia. hole M3 (M3 x 16) or 3.2-dia. hole Note: Track mounting is also possible. (Top View) 78.5 max. 61 max. 35.5 39.5 48 max. 2 (42.3) (35.8) 31 max. 3.5-dia. hole 16 max. 17.2 4 8-M3X8 P2RFZ-05-E (One Pole) (Finger Protection Structure) 5 1 4 2 3 (Top View) 39.5±0.1 10.5 M3 or 3.5-dia. hole 3.2-dia.hole Note: Track mounting is also possible. (Top View) *When mounted on H3RN-1 @. 61 max. 16 4 85.5 max. 5-M3.5×7 3.5-dia. hole 7±0.2 11.5 48 max. 59 max. (80.9 max.)* 39.5 35.5 2 P2RF-05-E (One Pole) (Finger Protection Structure) (11) (14) (A1) (12) (A2) 4 2 3 5 1 Note: Figures in parentheses indicate DIN standard numbers. (Top View) 7 4 39.5±0.1 3.2-dia. hole M3 or 3.5-dia. hole Note: Track mounting is also possible. (Top View) |