Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCS9888 Fiches technique(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Fiches technique(HTML) 33 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 26Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 27Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 28Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 29Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 30Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 31Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 32Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 33Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 34Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Application Information (Continued)
20062823
Read from Multiple (3) Registers
6.3.5 Serial Clock Input Noise Filter
Because the serial clock and data lines are resistively pulled up to a power bus, there is a possibility that noise will be coupled
into the clock or data lines when all devices have released the line. Noise on the clock line can have serious negative effects, by
desynchronizing the Master and Slave. To help prevent these problems, a filter is included on the clock input, to prevent higher
frequency noise pulses from being recognized by the serial interface.
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34