| Moteur de recherche de fiches techniques de composants électroniques |
|
OP191GSZ Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP191GSZ Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 24 page ![]() OP191/OP291/OP491 Rev. D | Page 12 of 24 TEMPERATURE (°C) 5.00 4.70 125 4.85 4.75 25 4.80 –40 4.95 4.90 85 RL = 100kΩ RL = 2kΩ VS = 5V Figure 31. Output Voltage Swing vs. Temperature, VS = 5 V 160 100 60 –40 1k 80 100 120 140 –20 0 20 40 FREQUENCY (Hz) 10M 1M 100k 10k VS =5V TA = 25°C 90 –90 –45 0 45 Figure 32. Open-Loop Gain and Phase vs. Frequency, VS = 5 V TEMPERATURE (°C) 140 0 125 60 20 25 40 –40 120 80 100 85 VS = 5V RL = 100kΩ, VCM = 5V RL = 2kΩ, VCM = 5V RL = 2kΩ, VCM = 0V RL = 100kΩ, VCM = 0V Figure 33. Open-Loop Gain vs. Temperature, VS = 5 V FREQUENCY (Hz) 50 0 –50 10 20 30 40 –40 –30 –20 –10 10 100 1k 10k 100k 1M 10M VS = 5V TA = 25°C Figure 34. Closed-Loop Gain vs. Frequency, VS = 5 V FREQUENCY (Hz) 160 60 –40 80 100 120 140 –20 0 20 40 CMRR VS =5V TA =25°C 100 1k 10M 1M 100k 10k Figure 35. CMRR vs. Frequency, VS = 5V TEMPERATURE (°C) 96 86 89 87 25 88 –40 92 90 91 93 94 95 85 125 VS = 5V Figure 36. CMRR vs. Temperature, VS = 5 V |