Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA800 Fiches technique(PDF) 16 Page - Monolithic Power Systems

No de pièce MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Fiches technique(HTML) 16 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 12Page - Monolithic Power Systems MA800 Datasheet HTML 13Page - Monolithic Power Systems MA800 Datasheet HTML 14Page - Monolithic Power Systems MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems MA800 Datasheet HTML 17Page - Monolithic Power Systems MA800 Datasheet HTML 18Page - Monolithic Power Systems MA800 Datasheet HTML 19Page - Monolithic Power Systems MA800 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
16
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
When a trigger event is detected, the data
remains in the output buffer until the clock rising
edge for the LSB bit 0 and the transfer time out
time has passed. See Table 6 for sensor data
timing.
Table 6: Sensor Data Timing
Trigger event
Release of the
output buffer
First SSCK falling
edge
SSCK rising
edge + time out
tm (Fig 15)
Figure 16: Full 16-Bit SSI Angle Reading
For consecutive angle readings, see the timing diagram in Figure 17.
Figure 17: Two Consecutive 16-Bit SSI Angle Reading with the Required Dead Time between the Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23