Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP467GS Fiches technique(PDF) 18 Page - Analog Devices

No de pièce OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP467GS Fiches technique(HTML) 18 Page - Analog Devices

Back Button OP467GS Datasheet HTML 12Page - Analog Devices OP467GS Datasheet HTML 13Page - Analog Devices OP467GS Datasheet HTML 14Page - Analog Devices OP467GS Datasheet HTML 15Page - Analog Devices OP467GS Datasheet HTML 16Page - Analog Devices OP467GS Datasheet HTML 17Page - Analog Devices OP467GS Datasheet HTML 18Page - Analog Devices OP467GS Datasheet HTML 19Page - Analog Devices OP467GS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP467
Rev. F | Page 18 of 20
G2
R10
C4
EREF
ISY
RMP2
RMP1
20
15
G4
D7
D5
D3
D4
G5
D8
D6
23
24
22
21
V3
V4
G01
R02
R01
G02
L1
99
50
26
15
99
50
27
–
+
98
– +
–+
Figure 54. SPICE Macro-Model Output Stage
IOS
CIN
I1
EOS
R3
5
G1
99
50
99
50
N+
2
1
R4
6
R5
R6
4
89
7
C2
R7
10
98
12
V2
EREF
RC
ECM
CC
28
C3
R8
14
27
V1
11
13
D2
D1
R9
N–
– +
Q1
Q2
–
+
–
+
–
+
–
+
Figure 55. SPICE Macro-Model Input and Gain Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20