| Moteur de recherche de fiches techniques de composants électroniques |
|
L4973D33 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4973D33 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() Figure 28: Source Current Rise and Fall Time, pin 2, 3 (See fig1) 25 30 35 40 Vi(V) 50 45 0 50 100 150 Lomax ( µH) 200 250 300 D97IN653 Css=100nF Css=220nF Css=470nF Css=680nF Css=820nF Css=1 µF fsw = 100KHz Figure 29: Soft Start Capacitor Selection vs. Inductor and VCC max (ref. AN938) 15 20 25 30 Vi(V) 40 35 45 50 0 50 100 150 Lomax ( µH) D97IN654 Css=22nF Css=33nF fsw = 200KHz Figure 30:Soft Start Capacitor Selection vs. In- ductor and VCC max (ref. AN938) 10 103 105 107 f(Hz) 102 104 106 108 -200 -150 -100 -50 GAIN (dB) 0 50 Phase 0 45 90 135 D97IN663 GAIN Phase Figure 31: Open Loop Frequency and Phase of Error amplifier L4973V3.3 VCC C1 C2 R2 C7 C3 C4 C5 C6 R1 D1 L1 3 x C0 Vo C8 4,5,6 13,14,15 7,8 10 18 9 1 17 INH SYNC 11 2,3 12 16 R3 D97IN666A R5 VP R5 R3 1 3.6K 4.7K 1.5 2K 2K 2 4.7K 3.6K 2.5 7.5K 3.6K 3 5.1K 1K VO=3.36-1.74• R3 R 5 Figure 32: 3.5A at VO< 3.3V (see part list fig. 1) L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1 12/16 |