Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS1240A. Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LS1240A.
Description  ELECTRONIC TWO - TONE RINGER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS1240A. Fiches technique(HTML) 6 Page - STMicroelectronics

  LS1240A. Datasheet HTML 1Page - STMicroelectronics LS1240A. Datasheet HTML 2Page - STMicroelectronics LS1240A. Datasheet HTML 3Page - STMicroelectronics LS1240A. Datasheet HTML 4Page - STMicroelectronics LS1240A. Datasheet HTML 5Page - STMicroelectronics LS1240A. Datasheet HTML 6Page - STMicroelectronics LS1240A. Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SO8 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
° (typ.)
D (1)
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F (1)
3.8
4.0
0.15
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S
8
° (max.)
LS1240A
6/7



Html Pages

1 2 3 4 5 6 7