Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4934 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4934
Description  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4934 Datasheet HTML 8Page - National Semiconductor (TI) LM4934 Datasheet HTML 9Page - National Semiconductor (TI) LM4934 Datasheet HTML 10Page - National Semiconductor (TI) LM4934 Datasheet HTML 11Page - National Semiconductor (TI) LM4934 Datasheet HTML 12Page - National Semiconductor (TI) LM4934 Datasheet HTML 13Page - National Semiconductor (TI) LM4934 Datasheet HTML 14Page - National Semiconductor (TI) LM4934 Datasheet HTML 15Page - National Semiconductor (TI) LM4934 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
System Control (Continued)
When the part is configured as an I
2C device then the LM4934 will respond to one of two addresses, according to the ADDR input.
If ADDR is low then the address portion of the I
2C transaction should be set to write to 0010000. When ADDR is high then the
address input should be set to write to 1110000.
TABLE 5. Chip Address
A6
A5
A4
A3
A2
A1
A0
Chip Address
EC
EC
10000
ADR = 0
0
0
10000
ADR = 1
1
1
10000
EC — Externally configured by ADR pin
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39