| Moteur de recherche de fiches techniques de composants électroniques |
|
CY28301PVC Fiches technique(PDF) 8 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
CY28301PVC Fiches technique(HTML) 8 Page - SpectraLinear Inc |
|
8 / 13 page ![]() CY28301 Rev 1.0, November 27, 2006 Page 8 of 13 Byte 10: Reserved Register Bit Name Default Description Bit 7 CPU_Skew2 0 CPU skew control 000 = Normal 001 = –150 ps 010 = –300 ps 011 = –450 ps 100 = +150 ps 101 = +300 ps 110 = +450 ps 111 = +600 ps Bit 6 CPU_Skew1 0 Bit 5 CPU_Skew0 0 Bit 4 SDRAM_Skew2 0 SDRAM skew control 000 = Normal 001 = –150 ps 010 = –300 ps 011 = –450 ps 100 = +150 ps 101 = +300 ps 110 = +450 ps 111 = +600 ps Bit 3 SDRAM_Skew1 0 Bit 2 SDRAM_Skew0 0 Bit 1 AGP_Skew1 0 AGP skew control 00 = Normal 01 = –150 ps 10 = +150 ps 11 = +300 ps Bit 0 AGP_Skew0 0 Byte 11: Reserved Register Bit Name Default Pin Description Bit 7 Reserved 0 Reserved Bit 6 Reserved 0 Reserved Bit 5 Reserved 0 Reserved Bit 4 Reserved 0 Reserved Bit 3 Reserved 0 Reserved Bit 2 Reserved 0 Reserved Bit 1 Reserved 0 Reserved Bit 0 Reserved 0 Reserved Byte 12: Reserved Register Bit Name Default Pin Description Bit 7 Reserved 0 Reserved Bit 6 Reserved 0 Reserved Bit 5 Reserved 0 Reserved Bit 4 Reserved 0 Reserved Bit 3 Reserved 0 Reserved Bit 2 Reserved 0 Reserved Bit 1 Reserved 0 Reserved Bit 0 Reserved 0 Reserved Byte 13: Reserved Register Bit Name Default Pin Description Bit 7 Reserved 0 Reserved Bit 6 Reserved 0 Reserved Bit 5 Reserved 0 Reserved |