Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XM33C321ASPZR Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 17Page - Texas Instruments XM33C321ASPZR Datasheet HTML 18Page - Texas Instruments XM33C321ASPZR Datasheet HTML 19Page - Texas Instruments XM33C321ASPZR Datasheet HTML 20Page - Texas Instruments XM33C321ASPZR Datasheet HTML 21Page - Texas Instruments XM33C321ASPZR Datasheet HTML 22Page - Texas Instruments XM33C321ASPZR Datasheet HTML 23Page - Texas Instruments XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW Packages) (continued)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
84
84
69
21
H1
PB22
PINCM50
0x400cc0c4
PB22
1
IO
SDIO
(standard)
TIMG8_0_C1
2
IO
CAN1_RX
3
I
TIMA0_1_C3N
4
O
I2S1_WCLK
5
IO
UC14_SDA_TX
6
IOD
UC13_0_PICO_SD
A_TX
7
IOD
A1_10
(Non-IOMUX 1) 0
A
85
85
70
22
G1
PB23
PINCM51
0x400cc0c8
PB23
1
IO
SDIO
(standard)
TIMG4_1_C0
4
IO
I2S1_BCLK
5
IO
UC14_CTS
6
IO
UC13_0_SCK_SCL
_RX
7
IOD
A1_11
(Non-IOMUX 1) 0
A
86
86
71
23
42
F2
PB24
PINCM52
0x400cc0cc
PB24
1
IO
SDIO
(standard)
TIMG12_0_C1
2
IO
TIMA0_1_FAL2
3
I
TIMG4_1_C1
4
IO
I2S1_MCLK
5
IO
UC14_RTS
6
IO
UC2_CS3
7
IO
A0_5
(Non-IOMUX 1) 0
A
COMP1_IN1+
(Non-IOMUX 2) 0
A
95
95
75
27
C1
PB25
PINCM56
0x400cc0dc
PB25
1
IO
SDIO
(standard)
TIMA0_0_FAL2
2
I
I2S0_BCLK
3
IO
UC1_0_CTS
4
IO
A0_4
(Non-IOMUX 1) 0
A
96
96
76
28
B1
PB26
PINCM57
0x400cc0e0
PB26
1
IO
SDIO
(standard)
TIMG4_2_C0
2
IO
I2S0_MCLK
3
IO
UC1_0_RTS
4
IO
A1_13
(Non-IOMUX 1) 0
A
COMP1_IN0+
(Non-IOMUX 2) 0
A
97
97
77
29
D2
PB27
PINCM58
0x400cc0e4
PB27
1
IO
SDIO
(standard)
TIMG4_2_C1
2
IO
A1_14
(Non-IOMUX 1) 0
A
COMP1_IN0-
(Non-IOMUX 2) 0
A
29
29
24
E8
PB28
PINCM65
0x400cc100
PB28
1
IO
SDIO
(standard)
TIMA0_0_C0
2
IO
UC13_3_SCK_SCL
_RX
3
IOD
UC13_0_CS0_CTS
4
IO
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More