| Moteur de recherche de fiches techniques de composants électroniques |
|
ES1AL-CA2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ES1AL-CA2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ES1A THRU ES1J DIODE www.unisonic.com.tw 1 of 3 Copyright © 2018 Unisonic Technologies Co., Ltd QW-R601-236.E 1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER DESCRIPTION The UTC ES1A thru ES1J is a surface mount glass superfast recovery rectifier, it uses UTC’s advanced technology to provide customers with low power loss and high efficiency, etc. FEATURES *Glass passivated Junction chip *Low reverse leakage *High forward surge current capability SMA (JEDEC DO-214AC) + - SOD-123 + - ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing ES1AL-SMA-R ES1AG-SMA-R SMA K A Tape Reel ES1AL-CA2-R ES1AG-CA2-R SOD-123 A K Tape Reel ES1BL-SMA-R ES1BG-SMA-R SMA K A Tape Reel ES1BL-CA2-R ES1BG-CA2-R SOD-123 A K Tape Reel ES1CL-SMA-R ES1CG-SMA-R SMA K A Tape Reel ES1CL-CA2-R ES1CG-CA2-R SOD-123 A K Tape Reel ES1DL-SMA-R ES1DG-SMA-R SMA K A Tape Reel ES1DL-CA2-R ES1DG-CA2-R SOD-123 A K Tape Reel ES1EL-SMA-R ES1EG-SMA-R SMA K A Tape Reel ES1EL-CA2-R ES1EG-CA2-R SOD-123 A K Tape Reel ES1GL-SMA-R ES1GP-SMA-R SMA K A Tape Reel ES1GL-CA2-R ES1GP-CA2-R SOD-123 A K Tape Reel ES1JL-SMA-R ES1JG-SMA-R SMA K A Tape Reel ES1JL-CA2-R ES1JG-CA2-R SOD-123 A K Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) R: Tape Reel (2) SMA: SMA, CA2: SOD-123 (3) L: Lead Free, G: Halogen Free and Lead Free P: Halogen Free and Lead Free For ES1G only ES1AG-SMA-R (1)Packing Type (2)Package Type (3)Green Package MARKING SMA SOD-123 EX Product Code L: Lead Free G: Halogen Free P: For ES1G Only |
Numéro de pièce similaire - ES1AL-CA2-R |
|
Description similaire - ES1AL-CA2-R |