Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4969 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 27Page - STMicroelectronics L4969 Datasheet HTML 28Page - STMicroelectronics L4969 Datasheet HTML 29Page - STMicroelectronics L4969 Datasheet HTML 30Page - STMicroelectronics L4969 Datasheet HTML 31Page - STMicroelectronics L4969 Datasheet HTML 32Page - STMicroelectronics L4969 Datasheet HTML 33Page - STMicroelectronics L4969 Datasheet HTML 34Page - STMicroelectronics L4969 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
L4969
32/35
4
REMARKS FOR APPLICATION
Figure 28. General circuit connection diagram
Thermal
Supervision
Standby Supply
& Adjustable
RC-Oscillator
Programmable
Timer
Wakeup & Interrupt
Detection
WAKE
V3
SOUT
SIN
SCLK
SPI
GND
CAN
Transceiver
Groundshift
Detection
ID-Filter
RTH
V2
V1
RX
TX
CANH
CANL
RTL
VS
NINT
NRES
Peripheral
Supply
µC
99AT0032
120K
33u
10u
10u
opt
47n
*
47n
*
47p
*
47p
*
47n
*
10u
47n
*
C* ceramic C close to pin recommended for EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35