| Moteur de recherche de fiches techniques de composants électroniques |
|
L4963W Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4963W Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() Figure 26: Evaluation Board Circuit PART LIST CAPACITOR C1 1000 µF 50V EKR (*) C2 2.2mF 16V C3 1000 µF 40V with low ESR C4 1 µF 50V film RESISTOR R1 1K Ω R2 51K Ω R3 1K Ω R4 1K Ω R5, R6 see table Resistor Values for Standard Output Voltages VO R6 R5 12 4.7K Ω 6.2K Ω 15 4.7K Ω 9.1KW 18 4.7K Ω 12KW 24 4.7K Ω 18KW Diode: BYW98 Core: L= 40 µH Magnetics58121-A2MPP34 Turns 0.9mm (20AWG) (*) Minimum 100 µFif Vi is a preregulated offline SMPS output or 1000µF if a 50Hz transformer plus rectifiers is used. L4963 - L4963D 12/17 |