| Moteur de recherche de fiches techniques de composants électroniques |
|
LD2981 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD2981 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 27 page ![]() LD2981 Maximum ratings DocID6279 Rev 17 7/27 3 Maximum ratings Table 3: Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage -0.3 to 16 V VINH INHIBIT input voltage -0.3 to 16 V IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -55 to 150 °C TOP Operating junction temperature range -40 to 125 °C Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. |