Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4957AV1.5 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L4957AV1.5
Description  UP TO 5A ULDO LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957AV1.5 Fiches technique(HTML) 5 Page - STMicroelectronics

  L4957AV1.5 Datasheet HTML 1Page - STMicroelectronics L4957AV1.5 Datasheet HTML 2Page - STMicroelectronics L4957AV1.5 Datasheet HTML 3Page - STMicroelectronics L4957AV1.5 Datasheet HTML 4Page - STMicroelectronics L4957AV1.5 Datasheet HTML 5Page - STMicroelectronics L4957AV1.5 Datasheet HTML 6Page - STMicroelectronics L4957AV1.5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Versawatt (TO220)
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.40
2.70
0.094
0.106
H2
10.0
10.4
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
M
2.6
0.102
Dia
3.75
3.85
0.147
0.151
TO220MEC
OUTLINE AND
MECHANICAL DATA
L4957A
5/7



Html Pages

1 2 3 4 5 6 7