Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBY3P Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STM32L433CBY3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBY3P Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STM32L433CBY3P Datasheet HTML 82Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 83Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 84Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 85Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 86Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 87Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 88Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 89Page - STMicroelectronics STM32L433CBY3P Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 227 page
background image
Memory mapping
STM32L433xx
86/227
DS11449 Rev 7
5
Memory mapping
Figure 15. STM32L433xx memory map
MSv36892V2
0xFFFF FFFF
0xE000 0000
0xC000 0000
0xA000 1000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0
1
2
3
4
5
6
7
Cortex™-M4
with FPU
Internal
Peripherals
Peripherals
SRAM1
CODE
OTP area
System memory
Flash memory
Flash, system memory
or SRAM, depending on
BOOT configuration
AHB2
AHB1
APB2
APB1
0x5006 0C00
0x4800 0000
0x4002 4400
0x4002 0000
0x4001 5800
0x4001 0000
0x4000 9800
0x4000 0000
0x1FFF FFFF
0x1FFF 0000
0x0804 0000
0x0800 0000
0x0004 0000
0x0000 0000
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x1000 4000
0x1000 0000
SRAM2
QUADSPI
registers
Options Bytes
0x1FFF 7000
0x1FFF 7400
0x1FFF 7800
0x1FFF 7810
Reserved
QUADSPI registers
0xBFFF FFFF
0xA000 1400
0xA000 1000
Reserved
Reserved
Reserved
0x5FFF FFFF
0x9000 0000
QUADSPI flash
bank
SRAM2
0x2000 C000
0xA000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More