Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBU6P Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce STM32L433CBU6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBU6P Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button STM32L433CBU6P Datasheet HTML 83Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 84Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 85Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 86Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 87Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 88Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 89Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 90Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 227 page
background image
DS11449 Rev 7
87/227
STM32L433xx
Memory mapping
89
Table 18. STM32L433xx memory map and peripheral register boundary addresses(1)
Bus
Boundary address
Size(bytes)
Peripheral
AHB2
0x5006 0800 - 0x5006 0BFF
1 KB
RNG
0x5004 0400 - 0x5006 07FF
158 KB
Reserved
0x5004 0000 - 0x5004 03FF
1 KB
ADC
0x5000 0000 - 0x5003 FFFF
16 KB
Reserved
0x4800 2000 - 0x4FFF FFFF
~127 MB
Reserved
0x4800 1C00 - 0x4800 1FFF
1 KB
GPIOH
0x4800 1400 - 0x4800 1BFF
2 KB
Reserved
0x4800 1000 - 0x4800 13FF
1 KB
GPIOE
0x4800 0C00 - 0x4800 0FFF
1 KB
GPIOD
0x4800 0800 - 0x4800 0BFF
1 KB
GPIOC
0x4800 0400 - 0x4800 07FF
1 KB
GPIOB
0x4800 0000 - 0x4800 03FF
1 KB
GPIOA
-
0x4002 4400 - 0x47FF FFFF
~127 MB
Reserved
AHB1
0x4002 4000 - 0x4002 43FF
1 KB
TSC
0x4002 3400 - 0x4002 3FFF
1 KB
Reserved
0x4002 3000 - 0x4002 33FF
1 KB
CRC
0x4002 2400 - 0x4002 2FFF
3 KB
Reserved
0x4002 2000 - 0x4002 23FF
1 KB
FLASH registers
0x4002 1400 - 0x4002 1FFF
3 KB
Reserved
0x4002 1000 - 0x4002 13FF
1 KB
RCC
0x4002 0800 - 0x4002 0FFF
2 KB
Reserved
0x4002 0400 - 0x4002 07FF
1 KB
DMA2
0x4002 0000 - 0x4002 03FF
1 KB
DMA1
APB2
0x4001 5800 - 0x4001 FFFF
42 KB
Reserved
0x4001 5400 - 0x4000 57FF
1 KB
SAI1
0x4001 4800 - 0x4000 53FF
3 KB
Reserved
0x4001 4400 - 0x4001 47FF
1 KB
TIM16
0x4001 4000 - 0x4001 43FF
1 KB
TIM15
0x4001 3C00 - 0x4001 3FFF
1 KB
Reserved
0x4001 3800 - 0x4001 3BFF
1 KB
USART1
0x4001 3400 - 0x4001 37FF
1 KB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More