| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L433CBY3 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY3 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 227 page ![]() Introduction STM32L433xx 12/227 DS11449 Rev 7 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32L433xx microcontrollers. This document should be read in conjunction with the STM32L41x, STM32L42x, STM32L43x, STM32L44x, STM32L45x, STM32L46x reference manual (RM0394), available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 Technical Reference Manual, available from the www.arm.com website. For information on the device errata with respect to the datasheet and reference manual, refer to the STM32L433xx errata sheet (ES0318), available on the STMicroelectronics website www.st.com. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |