Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBI7 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32L433CBI7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBI7 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32L433CBI7 Datasheet HTML 75Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 76Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 77Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 78Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 79Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 80Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 81Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 82Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 227 page
background image
Port E
PE1
--
----
--
PE2
TRACECK
-
----
--
PE3
TRACED0
-
----
--
PE4
TRACED1
-
----
--
PE5
TRACED2
-
----
--
PE6
TRACED3
-
----
--
PE7
-
TIM1_ETR
----
--
PE8
-
TIM1_CH1N
----
--
PE9
-
TIM1_CH1
----
--
PE10
-
TIM1_CH2N
----
--
PE11
-
TIM1_CH2
----
--
PE12
-
TIM1_CH3N
-
-
-
SPI1_NSS
-
-
PE13
-
TIM1_CH3
-
-
-
SPI1_SCK
-
-
PE14
-
TIM1_CH4
TIM1_BKIN2
TIM1_BKIN2_
COMP2
-
SPI1_MISO
-
-
PE15
-
TIM1_BKIN
-
TIM1_BKIN_
COMP1
-
SPI1_MOSI
-
-
Port H
PH0
-
-
----
--
PH1
-
-
----
--
PH3
-
-
----
--
1. Refer to Table 17 for AF8 to AF15.
Table 16. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM1/TIM2/
LPTIM1
TIM1/TIM2
USART2
I2C1/I2C2/I2C3
SPI1/SPI2
SPI3
USART1/
USART2/
USART3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More