Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CBT7 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce STM32L433CBT7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT7 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button STM32L433CBT7 Datasheet HTML 60Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 61Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 62Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 63Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 64Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 65Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 66Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 67Page - STMicroelectronics STM32L433CBT7 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 227 page
background image
Pinouts and pin description
STM32L433xx
64/227
DS11449 Rev 7
11 11 G7 G7 15 15 H2 24
M2
PA1
I/O
FT_la
-
TIM2_CH2,
I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
LCD_SEG0,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
COMP1_INP,
ADC1_IN6
12 12 E5 F6 16 16 F3
25
K3
PA2
I/O
FT_la
-
TIM2_CH3,
USART2_TX,
LPUART1_TX,
QUADSPI_BK1_NCS,
LCD_SEG1,
COMP2_OUT,
TIM15_CH1,
EVENTOUT
COMP2_INM,
ADC1_IN7,
WKUP4/LSCO
13 13 E4 G6 17 17 G3 26
L3
PA3
I/O
TT_la
-
TIM2_CH4,
USART2_RX,
LPUART1_RX,
QUADSPI_CLK,
LCD_SEG2,
SAI1_MCLK_A,
TIM15_CH2,
EVENTOUT
OPAMP1_VOUT,
COMP2_INP,
ADC1_IN8
-
-
-
H818 18C2 27
E3
VSS
S
-
-
-
-
-
-
-
H719 19D2 28
H3
VDD
S
-
-
-
-
14 14 G6 E5 20 20 H3 29
M3
PA4
I/O
TT_a
-
SPI1_NSS,
SPI3_NSS,
USART2_CK,
SAI1_FS_B,
LPTIM2_OUT,
EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN9,
DAC1_OUT1
15 15 F5 F5 21 21 F4
30
K4
PA5
I/O
TT_a
-
TIM2_CH1,
TIM2_ETR,
SPI1_SCK,
LPTIM2_ETR,
EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN10,
DAC1_OUT2
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More