Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB15CCU6U Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32WB15CCU6U
Description  STM32WB Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CCU6U Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32WB15CCU6U Datasheet HTML 1Page - STMicroelectronics STM32WB15CCU6U Datasheet HTML 2Page - STMicroelectronics STM32WB15CCU6U Datasheet HTML 3Page - STMicroelectronics STM32WB15CCU6U Datasheet HTML 4Page - STMicroelectronics STM32WB15CCU6U Datasheet HTML 5Page - STMicroelectronics STM32WB15CCU6U Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Ordering information
To order an STM32WB Nucleo-64 board, refer to Table 1. For a detailed description of each board, refer to
its user manual on the product web page. Additional information is available from the datasheet and reference
manual of the target STM32.
Table 1. List of available products
Order code
Board
reference
User
manual
Target STM32
Differentiating feature
NUCLEO-WB55RG
MB1355
UM2819
STM32WB55RGV6U
•
USB user with Micro-B connector
•
Radio compliant with
IEEE 802.15.4-2011 standard
supporting Zigbee®, Thread®, and
proprietary protocols
NUCLEO-WB15CC
MB1641
UM2823
STM32WB15CCU6U
-
1.1
Product marking
The stickers located on the top or bottom side of the PCB provide product information:
•
Product order code and product identification for the first sticker
•
Board reference with revision, and serial number for the second sticker
On the first sticker, the first line provides the product order code, and the second line the product identification.
On the second sticker, the first identification line has the following format: “MBxxxx-Variant-yzz”, where “MBxxxx”
is the board reference, “Variant” (optional) identifies the mounting variant when several exist, "y" is the PCB
revision and "zz" is the assembly revision, for example B01.
The second identification line is the board serial number used for traceability.
Evaluation tools marked as “ES” or “E” are not yet qualified and therefore not ready to be used as reference
design or in production. Any consequences deriving from such usage will not be at ST charge. In no event, ST will
be liable for any customer usage of these engineering sample tools as reference designs or in production.
“E” or “ES” marking examples of location:
•
On the targeted STM32 that is soldered on the board (For an illustration of STM32 marking, refer to the
STM32 datasheet “Package information” paragraph at the www.st.com website).
•
Next to the evaluation tool ordering part number that is stuck or silk-screen printed on the board.
These boards feature a specific STM32 device version, which allows the operation of any bundled commercial
stack/library available. This STM32 device shows a "U" marking option at the end of the standard part number
and is not available for sales.
In order to use the same commercial stack in his application, a developer may need to purchase a part number
specific to this stack/library. The price of those part numbers includes the stack/library royalties.
NUCLEO-WB55RG NUCLEO-WB15CC
Ordering information
DB4388 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6